|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
"High Frequency Ceramic Solutions" 2450 MHz Antenna Detail Specification: 08/10/09 P/N 2450AT18B100 Page 1 of 3 General Specifications Part Number Frequency Range Peak Gain Average Gain Return Loss Packaging Style P/N Suffix Termination Style Bulk T&R 100% Tin Tin / Lead 2450AT18B100 2400 - 2500 Mhz 0.5 dBi typ. (XZ-V) -0.5 dBi typ. (XZ-V) 9.5 dB min. Terminal Configuration Suffix = S Suffix = E Suffix = None Eg. 2450AT18B100S Eg. 2450AT18B100E Eg. 2450AT18B100(E or S) No. 1 2 Input Power Impedance Operating Temperature Reel Quanity 3W max. 50 -40 to +85C 3,000 Function Feeding Point NC Please consult Factory 2 1 Mechanical Dimensions In L W T a 0.126 0.008 0.063 0.008 0.051 +.004/-.008 0.020 0.012 mm W a L T 3.20 0.20 1.60 0.20 1.30 +0.1/-0.2 0.50 0.30 Mounting Considerations Mount these devices with brown mark facing up. Units: mm Line width should be designed to provide 50 impedance matching characteristics. a) Without Matching Circuits ) 2.6 b) With Matching Circuits 1.6 Matching Component JTI P/Ns: L-14C2N7JV4 1.2pF L-14C2N2JV4 3.3nH JTI P/N for Matching Circuit: Cap (1.2pF): 500R07S1R2BV4T Inductor (2.7nH): L-07C2N7SV6T Inductor (3.3nH): L-07C3N3SV6T 2.7nH 4.2 * 1.9 0.4 Johanson Technology, Inc. reserves the right to make design changes without notice. All sales are subject to Johanson Technology, Inc. terms and conditions. www.johansontechnology.com 4001 Calle Tecate * Camarillo, CA 93012 * TEL 805.389.1166 FAX 805.389.1821 2009 Johanson Technology, Inc. All Rights Reserved "High Frequency Ceramic Solutions" 2450 MHz Antenna Detail Specification: 08/10/09 P/N 2450AT18B100 Page 2 of 3 Typical Electrical Characteristics (T=25oC) Test Board: ) ) ) Ground ) 19mm 50 Feed Line ) ) ) 13.5mm ) Matching Circuit No Ground 6.5mm 39.5mm 4mm 6.5mm Antenna Return Loss a) Without Matching Circuit b) With Matching Circuit ) Johanson Technology, Inc. reserves the right to make design changes without notice. All sales are subject to Johanson Technology, Inc. terms and conditions. www.johansontechnology.com 4001 Calle Tecate * Camarillo, CA 93012 * TEL 805.389.1166 FAX 805.389.1821 2009 Johanson Technology, Inc. All Rights Reserved "High Frequency Ceramic Solutions" 2450 MHz Antenna Detail Specification: 08/10/09 P/N 2450AT18B100 Page 3 of 3 Typical Radiation Patterns ) ) ) ) ) ) ) ) ) Johanson Technology, Inc. reserves the right to make design changes without notice. All sales are subject to Johanson Technology, Inc. terms and conditions. www.johansontechnology.com 4001 Calle Tecate * Camarillo, CA 93012 * TEL 805.389.1166 FAX 805.389.1821 2009 Johanson Technology, Inc. All Rights Reserved |
Price & Availability of 2450AT18B100 |